Part Number Hot Search : 
BAR5001D MC100LV MBRS2 D103C UN9112J C5000 0524D IND331SK
Product Description
Full Text Search
 

To Download BCM5222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5222
PRODUCT
(R)
Brief
OF BENEFITS
1 0 / 1 0 0 B A S E - T X D U A L P O R T D I G I - P H Y TM T R A N S C E I V E R
BCM5222 transceiver FEATURES SUMMARY
* Dual-port 10/100BASE-TX IEEE 802.3u Fast Ethernet * Power consumption: <195 mW per port * Unique energy detection circuit to enable intelligent
power management
* Low power and intelligent power management * Improved ease of use and installation, reduced
support cost
* Straight-through or cross-over cables accommodate independent of installation * Resistance to CESD prevent product destruction and product returns * Advanced cable diagnostic features enable remote monitoring and debugging of cabling infrastructure * Increase active working time * Prolonge battery life in active standby * Increase reliability
* HP auto-MDIX * Robust CESD tolerance * Cable length indication * Cable noise level indication * Cable length greater than 140 meters * Well under 10 PPM defect ratio quality * Industrial temperature range (-40 to 85C) * MII/7-wire serial interface * IEEE 1149.1 (JTAG) scan chain support * MII management via serial port * 100-pin PQFP and 100-pin fpBGA package
* DSP-based Digi-PHYTM architecture ensures
* Proven in over 450,000,000 Fast Ethernet ports
performance over temperature, voltage, and process variation
* Provides ease of manufacturing with JTAG support * Enables simplified system and board design with MAC
interface and packaging options
Backplane Bus Communication 10/100BASE-TX Application
Main Control Board Peripheral Board #1 BCM5228 BCM5222 BCM5222
Control Data
Peripheral Board #2
BCM5222
OVERVIEW
Functional Block Diagram
TD+[1:2] Auto MDIX
Multimode Xmt DAC Baseline Wander Correction Digital Adaptive Equalizer 100BASE-X PCS 4 10BASE-X PCS
TXD[1:2] TXEN[1:2] TXER[1:2] TXC[1:2] COL[1:2] RXC[1:2] CRS[1:2] RXDV[1:2] RXER[1:2] RXD[1:2] ACTLED#[1:2] LNKLED#[1:2] SPDLED#[1:2] FDXLED#[1:2] MODES
RD+[1:2]
ADC
4 CRS/Link Detection Auto-Negotiation /Link Integrity
LED Drivers
XTALO XTALI RDAC JTAG
5
Clock Generator Bias Generator JTAG Test Logic
Clock Recovery
MII Registers
MII Mgmt Control
MDC MDIO
Lowest-Power Fast Ethernet PHY With a power dissipation of less than 195 mW per port, the BCM5222 is the industry's lowest-power Fast Ethernet PHY. In addition, the BCM5222 has several intelligent power-down states that conserve power, yet allow products based on it to automatically turn on when needed. The BCM5222 includes a unique Intelligent Power-Management feature that powers down the device if energy is not detected on the cable. The energy detect feature is especially useful for portable and power-sensitive applications, as the BCM5222 draws virtually no energy if the cable is not plugged in and the client is not connected to the network. This results in noticeably extended battery life for portable applications, and increases product reliability due to decreased power dissipation. For lowest power consumption, the BCM5222 can be put in a power-off state (<2.0 mW). Network Tolerance The BCM5222 includes features that simplify the installation and maintenance of local area networks. One such feature is the HP Auto-MDIX capability, which automatically detects and corrects crossed cables. With HP Auto-MDIX, the installer does not need to know what is on the other side of the network cable: the BCM5222 automatically switches its transmit and receive circuitry to accommodate the link partner's polarity.
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
Cable-sourced electrostatic discharge (CESD) is a recently discovered phenomenon that occurs when an electrically charged network cable is plugged into a networked product, an issue becoming more prevalent with recent cable installations. The BCM5222 has been designed and tested to withstand over 9 KV of CESD, which unlike other transceivers, prevents the device from being destroyed in a CESD event. DSP-Based PHY Technology The BCM5222 builds on Broadcom's proven DSP PHY design and full custom circuit design techniques to create a highly integrated and robust physical layer solution. DSP techniques allow the BCM5222 to achieve high interoperability and to exhibit robust performance across temperature (-40 to 85C), voltage, and process variations. Broadcom's DSP-based, DigiPHYTM technology has been proven in the shipment of over 450,000,000 Fast Ethernet ports. Broadcom's superior quality has resulted in a failure rate well under 10 PPM. Applications IP Phones Backplane Bus Communication Embedded Telecom Print Servers
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 5222-PB04-R-04-15-03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X